Part Number Hot Search : 
BUJ100 1N4006 SPF380AR BAR7501D 25LB256 DG3514DB 001118 T3510IGV
Product Description
Full Text Search
 

To Download CZP2BPTTD500P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CZP
multilayer power ferrite bead
EU
features * Designed to reduce noise at high frequencies * Standard EIA packages: 1J, 2A, 2B * Nickel barrier with solder overcoat for excellent solderability * Magnetically shielded * Marking: Black body color with no marking * Products with lead-free terminations meet EU RoHS requirements
dimensions and construction
W L Solder Plating Ni Plating Silver Metallization d Type
(Inch Size Code)
L .063.006 (1.60.15) .079.008 (2.00.2) .126.008 (3.20.2)
Dimensions inches (mm) W t .031.006 (0.80.15) .047.008 (1.200.2) .063.008 (1.60.2) .031.006 (0.80.15) .035.008 (0.90.2) .043.008 (1.10.2)
d .014.006 (0.360.15) .02.012 (0.510.30) .02.012 (0.510.30)
1J (0603) 2A (0805) 2B (1206)
t
Terminations (Metallization Bands)
d
Electrodes
ordering information
New Part #
EMI/EMC filtering
CZP Type
2A Size 1J 2A 2B
F Permeability Code F P
T Termination Material T: Sn
TD Packaging TD: 7" paper tape (1J, 2A - 4,000 pieces/reel) TE: 7" embossed plastic (2B - 3,000 pieces/reel)
500 Impedance 2 significant figures + 1 multiplier
P Tolerance P: 25%
For further information on packaging, please refer to Appendix A.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 2/24/08
254
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
CZP
multilayer power ferrite bead applications and ratings
Part Designation CZP1JFTTD300P CZP1JFTTD400P CZP1JFTTD600P CZP1JFTTD800P CZP1JFTTD121P CZP1JFTTD181P CZP1JFTTD221P CZP1JFTTD301P CZP1JFTTD501P CZP1JFTTD601P CZP2AFTTD300P CZP2AFTTD400P CZP2AFTTD450P CZP2AFTTD500P CZP2AFTTD600P CZP2AFTTD800P CZP2AFTTD121P CZP2AFTTD151P CZP2AFTTD221P CZP2AFTTD301P CZP2AFTTD601P CZP2AFTTD102P CZP2BFTTE190P CZP2BFTTE300P CZP2BFTTE500P CZP2BFTTE800P CZP2BFTTE900P CZP2BFTTE101P CZP2BFTTE121P CZP2BFTTE221P CZP2BPTTE700P CZP2BFTTE601P CZP2BPTTE101P CZP2BPTTE121P CZP2BPTTE601P Impedance @ 100MHz () 30 40 60 80 120 180 220 300 500 600 30 40 45 50 60 80 120 150 220 300 600 1000 19 30 50 80 90 100 120 220 70 600 100 120 600 DC Resistance Maximum () 0.03 0.04 Allowable DC Current Maximum (mA) Operating Temperature Range
3000
0.10 0.10 0.15 0.20 0.015 0.03 0.04 0.025 0.04 0.05 0.15 0.20 0.02 0.025 0.03 0.10 0.08 0.20 0.03 0.04 0.10
2000 2000 1500 1000 3000 2000 3000 2000 3000 2000 1000
-55C to +125C
-55C to +125C
3000 2000 1000 -55C to +125C 2000 3000 1000 3000 1500
For complete environmental specifications, please refer to pages 256-257.
EMI/EMC filtering
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 3/10/07
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
255


▲Up To Search▲   

 
Price & Availability of CZP2BPTTD500P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X